Part Number Hot Search : 
11403M MV54644 BD900 DMA20201 MKW3022 SUM110 C3840 BAT54
Product Description
Full Text Search
 

To Download C8051F015DK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F018
ANALOG PERIPHERALS
16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU
PRELIMINARY
10-bit ADC 1LSB INL; No Missing Codes Programmable Throughput up to 100ksps 8 External Inputs; Differential or Single-Ended mode Data Dependent Windowed Interrupt Generator Built-in Temperature Sensor ( 3C) Two Comparators 16 Programmable Hysteresis Values Configurable to Generate Interrupts or Reset Internal Voltage Reference Precision VDD Monitor/Brown-out Detector
HIGH SPEED 8051 C CORE
Pipe-lined Instruction Architecture; Executes 70% of Instructions in 1 or 2 System Clocks Up to 25MIPS Throughput with 25MHz System Clock Expanded Interrupt Handler 1280 Bytes Internal Data RAM (256 + 1k) 16k Bytes In-System Programmable FLASH Program Memory 32 Port I/O; All are 5V tolerant Hardware SMBusTM (I2CTM Compatible), SPITM, and UART Serial Ports Available Concurrently Programmable 16-bit Counter/Timer Array with Five Capture/Compare Modules Four General Purpose 16-bit Counter/Timers Dedicated Watch-Dog Timer; Bi-directional Reset Internal Programmable Oscillator: 2-to-16MHz External Oscillator: Crystal, RC, C, or Clock Typical Operating Current: 12.5mA @ 25MHz Multiple Power Saving Sleep and Shutdown Modes
MEMORY DIGITAL PERIPHERALS
ON-CHIP JTAG DEBUG & BOUNDRY SCAN
On-Chip Debug Circuitry Facilitates Full Speed, Non-Intrusive In-System Debug (No Emulator Required!) Provides Breakpoints, Single Stepping, Watchpoints, Stack Monitor Inspect/Modify Memory and Registers Superior Performance to Emulation Systems Using ICEChips, Target Pods, and Sockets IEEE1149.1 Compliant Boundary Scan Low Cost, Complete Development Kit
CLOCK SOURCES SUPPLY VOLTAGE ....................................2.8V to 3.6V 64-Pin TQFP Temperature Range: -40C to +85C
SMBus is a trademark of Intel Corp.; I2C is a trademark of Philips Semi.; SPI is a trademark of Motorola, Inc.
VDD VDD VDD DGND DGND DGND AV+ AV+ AGND AGND TCK TMS TDI TDO /RST
Digital Power
UART SMBus SPI Bus
Analog Power
5-Chnl PCA Boundary Scan Debug HW
Reset
JTAG Logic
VDD Monitor
XTAL1 XTAL2
WDT
8 0 5 1 C o r e
16kbyte FLASH 256 byte RAM 1024 byte XRAM
Timers 0,1,2 Timer 3 Port 0 Latch Port 1 Latch Port 2 Latch
C R O S S B A R S W I T C H
P 0 D r v P 1 D r v P 2 D r v P 3 D r v
P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7
External Oscillator Circuit Internal Oscillator
System Clock
SFR Bus
Port 3 Latch
VREF
VREF
AIN0.0 AIN0.1 AIN0.2 AIN0.3 AIN0.4 AIN0.5 AIN0.6 AIN0.7 CP0+ CP0CP1+ CP1-
A M U X
TEMP SENSOR
ADC 100ksps (10-Bit)
NC NC
CP0
CP1
1.18.2002
C8051F018
16K Flash, 1.25K RAM, 10-Bit ADC, 64-Pin MCU
PRELIMINARY
SELECTED ELECTRICAL SPECIFICATIONS TA = -40C to +85C, VDD = 2.8V unless otherwise specified. PARAMETER CONDITIONS MIN TYP MAX UNITS GLOBAL CHARACTERISTICS Supply Voltage 2.8 3.6 V Supply Current (CPU Clock=25MHz 12.5 mA active) Clock=1MHz 0.5 mA Clock=32kHz 20 A Supply Current Oscillator not running 10 A (shutdown) Clock Frequency Range DC 25 MHz A/D CONVERTER Resolution 10 bits Integral Nonlinearity LSB 1/2 1 Differential Nonlinearity Guaranteed Monotonic LSB 1/2 1 Signal-to-Noise Plus 59 61 dB Distortion Throughput Rate 100 ksps Input Voltage Range 0 VREF V COMPARATORS Supply Current (each Comparator) 1.3 A Response Time | CP+ - CP- | = 100mV 4 s
PACKAGE INFORMATION
D D1
C8051F015DK DEVELOPMENT KIT
MIN NOM MAX (mm) (mm) (mm) A 1.20 0.15 1.05
A1 0.05
E1 E
A2 0.95 b D
0.17 0.22 0.27 12.00 10.00 0.50 12.00 10.00 -
64 PIN 1 DESIGNATOR 1 A2 e A b A1
D1 e E E1


▲Up To Search▲   

 
Price & Availability of C8051F015DK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X